PART |
Description |
Maker |
125-0304-0 125-0311-5 125-0309-3 125-0302-4 125-03 |
KUPPLUNG PUSH PULL UEBERWURFKAPPE 16POL EINBAUBUCHSE PUSH PULL 16POL KUPPLUNG PUSH PULL UEBERWURFKAPPE 12POL EINBAUBUCHSE PUSH PULL 12POL EINBAUSTECKER PUSH PULL 20POL EINBAUSTECKER PUSH PULL 12POL STECKER PUSH PULL UEBERWURFKAPPE 12POL STECKER PUSH PULL UEBERWURFKAPPE 20POL KUPPLUNG PUSH PULL UEBERWURFKAPPE 20POL STECKER PUSH PULL UEBERWURFKAPPE 16POL EINBAUSTECKER PUSH PULL 16POL STECKER AUSSENGEWINDE 16POL EINBAUSTECKER PUSH PULL 8POL KUPPLUNG AUSSENGEWINDE 16POL STECKER AUSSENGEWINDE 20POL EINBAUBUCHSE PUSH PULL 20POL EINBAUBUCHSE推拉20POL STECKER AUSSENGEWINDE 6POL STECKER AUSSENGEWINDE 6POL EINBAUSTECKER PUSH PULL 6POL EINBAUSTECKER推拉6POL EINBAUSTECKER AUSSENGEWINDE 4POL
|
Molex, Inc.
|
L293E L293B L239B 1328 |
PUSH-PULL FOUR CHANNEL DRIVERS From old datasheet system
|
意法半导 STMicroelectronics
|
ALD2302 ALD2302A ALD2302ADA ALD2302APA ALD2302ASA |
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
|
ALD[Advanced Linear Devices]
|
ADM823LYRJ-R7 ADM823MYRJ-R7 ADM823RYRJ-R7 ADM823SY |
Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output Supervisory Circuit with Manual Reset and Dual Active-Low/Active-High Push-Pull Reset Outputs Supervisory Circuit with Watchdog and Dual Active-Low/Active-High Push-Pull Reset Outputs
|
Analog Devices
|
HV574PG-G |
100MHz, 80-Channel Serial to Parallel Converter with Push-Pull Outputs
|
Supertex, Inc
|
MAX9018A MAX9018B MAX9015A MAX9017B MAX9017A MAX90 |
"SOT23, Dual, 1.8V, Nanopower, Comparator With 1% Reference (Open- Drain)" "SOT23, Dual, 1.8V, Nanopower, Comparator With 1.75% Reference (Open- Drain)" "SOT23, Single, 1.8V, Nanopower, Comparator With 1% Reference (Push/Pull)" "SOT23, Dual, 1.8V, Nanopower, Comparator With 1.75% Reference (Push/ Pull)" " SOT23, Dual, 1.8V, Nanopower, Comparator With 1% Reference (Push/Pull)" " SOT23, Single, 1.8V, Nanopower, Comparator With 1% Reference (Open-Drain)" "SOT23, Dual, 1.8V, Nanopower Comparators with Open- Drain Output" "SOT23, Dual, 1.8V, Nanopower Comparators with Push-Pull Output"
|
Maxim
|
HV3418 HV3418DG HV3418PG HV3418X |
64-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
|
Supertex Inc Supertex, Inc
|
HV583 HV583X |
128 Channel Serial to Parallel Converter with Push-Pull Outputs 128通道串行与并行转换器推式输出
|
Supertex, Inc. http://
|
HV574X HV574 HV574PG |
100 MHz/ 80-Channel Serial To Parallel Converter With Push-Pull Outputs 100 MHz, 80-Channel Serial To Parallel Converter With Push-Pull Outputs
|
Supertex Inc SUTEX[Supertex, Inc] Supertex Inc
|
087741-00 MX877 087700-00 |
8-Channel, 60V Relay/Load Driver Push-Pull Output, 3 Wire Interface
|
IXYS Corporation
|
HV528 HV528K6-G |
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
|
Supertex, Inc
|